PART |
Description |
Maker |
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
CAT28LV256HE30T CAT28LV256GA-25T CAT28LV256GA-30T |
32K X 8 EEPROM 3V, 250 ns, PQCC32 256K-Bit CMOS PARALLEL EEPROM
|
ON Semiconductor
|
CAT28C17A04 CAT25C17ANA-20T CAT25C17AJ-20T CAT25C1 |
2K X 8 EEPROM 5V, 200 ns, PDSO28 16K-Bit CMOS PARALLEL EEPROM Parallel EEPROM, 16Kb, RDY/BSY Pin
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
AT28BV256 AT28BV256-20 AT28BV256-25 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
CAT28C64BWI-12 CAT28C64BGI12 CAT28C64BXA-90 CAT28C |
64 kb CMOS Parallel EEPROM 8K X 8 EEPROM 5V, 120 ns, PDSO28 64 kb CMOS Parallel EEPROM 8K X 8 EEPROM 5V, 120 ns, PQCC32 8K X 8 EEPROM 5V, 90 ns, PDSO28 8K X 8 EEPROM 5V, 90 ns, PDIP28
|
ON Semiconductor
|
24LC256 24AA256TICS16K 24LC256TICS16K 24FC256TICS1 |
256K IC CMOS Serial EEPROM 256K I2C CMOS Serial EEPROM
|
Microchip Technology
|
CAT28C17ALI-20T CAT28C17AKA-20T CAT28C17AKI-20T CA |
2K X 8 EEPROM 5V, 200 ns, PDSO28 16 kb CMOS Parallel EEPROM
|
ON Semiconductor
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
CAT28HT256 |
256K-Bit CMOS PARALLEL E2PROM
|
CATALYST[Catalyst Semiconductor]
|